Part Number Hot Search : 
KSA1010Y FSB50250 MAX585 2M100 MAX1124 10100C P2005 B1200
Product Description
Full Text Search
 

To Download GSQ05A04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : GSQ05A04 GSQ0 A04
OULINE DRAWING
FEATURES *Similar to TO-220AC Case *Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 1.85g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 120 5
GSQ05A04 40 50 Hz half Sine Wave Tc=122C Resistive Load 7.85 50Hz Half Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol Conditions Min. Typ. Max. 5 0.55 5 Unit mA V C /W IRM Tj= 25C, VRM= VRRM VFM Tj= 25C, IFM= 5 A Rth(j-c) Junction to Case
GSQ_A_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
GSQ05A04/GSQ05A04B
20
INSTANTANEOUS FORWARD CURRENT (A)
10
5
2 Tj=25C Tj=150C 1
0.5 0 0.2 0.4 0.6 0.8 1.0 1.2
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
GSQ05A04/GSQ05A04B
D.C.
5
AVERAGE FORWARD POWER DISSIPATION (W)
4
RECT 180 HALF SINE WAVE RECT 120
3
RECT 60
2
1
0 0 2 4 6 8
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 200 GSQ05A04/GSQ05A04B
PEAK REVERSE CURRENT (mA)
100
50 0 10 20 30 40
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
GSQ05A04/GSQ05A04B
D.C.
8
AVERAGE REVERSE POWER DISSIPATION (W)
7 6 5 4
RECT 300
RECT 240
RECT 180
3
HALF SINE WAVE
2 1 0 0 10 20 30 40
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =40 V GSQ05A04/GSQ05A04B
D.C.
8
AVERAGE FORWARD CURRENT (A)
6
RECT 180. HALF SINE WAVE RECT 120.
4
RECT 60.
2
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load 140 GSQ05A04/GSQ05A04B
120
SURGE FORWARD CURRENT (A)
100
80
60
40
I FSM 0.02s
20
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue GSQ05A04/GSQ05A04B
1000
JUNCTION CAPACITANCE (pF)
500
200
100 0.5 1 2 5 10 20 50
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of GSQ05A04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X